TO-300 www.vectron.com usa: vectron international ? 267 lowell road, hudson, nh 03051 ? tel: 1-88-vectron-1 ? fax: 1-888-fax-vectron europe: tel: 49 (0) 3328 4784 17 ? fax: 49 (0) 3328 4784 30 asia: tel: +86 21 28909740 / 41 /42 ? fax: +86 21 28909240 / 2890999 vectron international reserves the right to make changes to the product(s) and/or information contained herein without notice. no liability is assumed as a result of their use or application. no rights under any patent accompany the sale of any such product(s) or information. 1. specification specification: to-301 to-302 to-311 to-312 frequency range: 10.00 ... 40.00 mhz nominal frequency tolerance: < + 3 ppm < + 3 ppm u c =2.5 v stability in the temperature range - 20c to + 70c: < + 1 ppm < + 2 ppm < + 1 ppm < + 2 ppm frequency stability vs. supply voltage changes ub 5 %: vs. load changes 5 %: < + 1 ppm < + 1 ppm aging @ 25c: + 2 ppm first / + 1 ppm following years frequency correction: 5 ppm by int. trimmer 8 ppm by ext. voltage 0.5 ... 4.5 v transfer function / linearity: - positive supply voltage u b : 5 v 5 % current consumption: < 5 ma output voltage : load : level : sinusoidal 560 ohm > 500 mvpp phase noise: 100 hz 1000 hz -105 dbc/hz -120 dbc/hz operating temperature range: operable temperature range: storage temperature range: -20c ... + 70c -25c ... + 75c -40c ... + 85c 2. environmental conditions shock: din iec 68-2-27,test ea, 100 g, 6ms half-sine, 3 bumps in 3 main directions vibration: din iec 68-2-6, test fc, 10-500hz, 10g, 2 h in 3 main directions humidity: din iec 68-2-3, 40c/93%rh, 21 days solderability: din iec 68-2-20 only for wire leads, methode 3: solder globule at + 235c 3. marking
TO-300 www.vectron.com usa: vectron international ? 267 lowell road, hudson, nh 03051 ? tel: 1-88-vectron-1 ? fax: 1-888-fax-vectron europe: tel: 49 (0) 3328 4784 17 ? fax: 49 (0) 3328 4784 30 asia: tel: +86 21 28909740 / 41 / 42 ? fax: +86 21 28909240 / 2890999 vectron international reserves the right to make changes to the product(s) and/or information contained herein without notice. no liability is assumed as a result of their use or application. no rights under any patent accompany the sale of any such product(s) or information. manufacturer's name, date code(week/year) specification center frequency 4. case case style: bf-100 1.pin configuration to-301 / to-302: 1. n.c. 7. ground, case 8. rf-output 14. supply voltage to-311 / to-312: 1. control voltage uc 7. ground, case 8. rf-output 14. supply voltage 5. test circuit to-301/to-302: oscillator counter v a oscilloscop re = 50 535 ohm 50 ohm o o 1 14 8 7 o o +u b gnd to-311/to-312: oscillator counter v v a oscilloscop re = 50 ohm 535 ohm 50 ohm o o 1 14 8 7 o o o +ustell +u b gnd
|